Part Number Hot Search : 
33601 IRF78 A1343 MBR2540 FFCHLEH 23PL016 BA232 SK104
Product Description
Full Text Search
 

To Download RLCO-808-500G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10.04.2013 rlco -808-500g 1 of 3 rlco - 808 - 500g technical data high power infrared laser diode features ? lasing mode structure: multi mode ? peak wavelength : typ. 808 nm ? optical ou t put power: 500 m w ? package: 9 mm electrical connection pin configuration bottom view n - typ e pin function 1 ld cathode 2 ld anode, pd cathode 3 pd anode absolute maximum ratings (t c =20c) item symbol value unit cw output power p o 500 w operating case temperature t c - 10 ? +50 c storage temperature t stg - 40 ? +85 c s pecifications (t c =20c) item symbol min. typ. max. unit optical specifications cw output power p o - 500 - w center wavelength c 803 808 813 nm spectral width (fwhm) ? - 2 5 nm wavelength temperature coefficient ? / ?t - 0.3 - nm/c fwhm beam d ivergence U - 6 1 2 deg - 3 2 4 0 deg polarization te electrical specifications threshold current i th - 0.15 0.26 a operating current i op - 1.1 1.2 a slope efficiency 1 - - w/a operating voltage v op - 1. 8 2.2 v series resitance r d - - 0.3 the above specifications are f or reference purpose only and subjected to change without prior notice.
10.04.2013 rlco -808-500g 2 of 3 package dimensons 9 mm package ( unit:mm )
10.04.2013 rlco -808-500g 3 of 3 safety of laser light ? laser light can damage the human eyes and skin. do not expose the eye or skin directly to any laser light an d/or through optical lens. when handling the lds, wear appropriate safety glasses to prevent laser light, even any reflections from entering to the eye. focused laser beam through optical instruments will increase the chance of eye hazard. ? this ld is emitt ing invisible light. cautions 1. operating methode ? this ld shall change its forward voltage requirement and optical ouput power according to temperature change. also, the ld will require more operation current to maintain same ouput power as it degrades. in order to maintain output power, use of apc (automatic power control) is recommended. which use monitor feedback to adjust the operation current. ? confirm that electrical spike current generated by switching on and off does not exceed the maximum operating c urrent level specified herein above as absolute maximum rating. also, employ appropriat countermeasures to reduce chattering and/or overshooting in the circuit. 2. static electricity ? static electricity or electrical surges will reduce and degrade the reliabi lity of the lds. it is recommended to use a wrist trap or anti - electrostatic glove when handeling the product. 3. absolute maximum rating ? active layer of lds shall have high current density and generate high electric field during its operation. in order to p revent excessive damage, the ld must be operated striclty below absolute maximum rating.


▲Up To Search▲   

 
Price & Availability of RLCO-808-500G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X